Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTPF0100UG Fiches technique(PDF) 30 Page - Freescale Semiconductor, Inc

No de pièce KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Fiches technique(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 26Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 27Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 28Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 29Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 31Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 32Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 33Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 74 page
background image
KTPF0100UG, Rev. 2.0
30
Freescale Semiconductor
Graphical User Interface Description
10 Graphical User Interface Description
The KITPF0100 GUI is based on a tabbed interface. Each tabs can be selected to display a window associated
with one functional aspect of the PF0100 device.
10.1
Getting Started
1. Supply 3.6V to J25 of the EVK board, then connect the USB cable from the USB-MiniB port (J34) to the
computer. J30 should be in position (2-3); otherwise, you will receive an error message.
2. Press the “Open Session” button to search for the PF Programmer device.
3. The “Select Resource” dialog box should pop up, and you should see the KITPF0100EPEVBE device
listed. The USB Vendor ID is 0x15A2, and the Part ID is 0x00F5 for the KITPF0100EPEVBE.
Select the device and press the “OK” button.
 
Figure 24. OPEN USB Connection
4. The “Select Resource” dialog should close, and the Log List will display a message that you are connected
to the KITPF0100EPEVBE. The Vendor ID and Part ID will also be displayed to let you know that you are
connected to the right device.
•
The Log List can be saved to a text file at any time by pressing the “Save Log” button, and a "File Save”
dialog box will pop up.
•
The Log List can also be cleared at any time by pressing the “Clear Log” button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74