Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTPF0100UG Fiches technique(PDF) 70 Page - Freescale Semiconductor, Inc

No de pièce KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Fiches technique(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 66Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 67Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 68Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 69Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 70Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 71Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 72Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 73Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 74Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 70 / 74 page
background image
KTPF0100UG, Rev. 2.0
70
Freescale Semiconductor
Bill of Materials
92
1
U1
IC POWER MANAGEMENT
CONSUMER/INDUSTRIAL
QFN56
MMPF0100NPEP
FREESCALE
SEMICONDUCTOR
93
1
U2
IC MCU 8BIT 48MHZ 60KB
FLASH 2.7-5.5V QFN48
MC9S08JM60CGTE
FREESCALE
SEMICONDUCTOR
94
1
U4
IC DAC CTRL BOOST INV
+/-27.5V -- 2.7-5.5V QSOP16
MAX686EEE+
MAXIM
95
2
U5, U7
IC LIN VREG LDO 1.5-15V
150MA 2.5-16V SOT23-5
MIC5205YM5
MICREL
96
1
Y1
XTAL 12MHZ SER 9PF SMT
ECS-120-9-42X-CKM-TR
ECS INC.
INTERNATIONAL
Freescale does not assume liability, endorse, or warrant components from external manufacturers that are referenced in circuit
drawings or tables. While Freescale offers component recommendations in this configuration, it is the customer’s responsibility
to validate their application
Item Qty
Assy
Opt
Schematic
Label
Value/Description
Part Number
Manufacturer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74