Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KTPF0100UG Fiches technique(PDF) 56 Page - Freescale Semiconductor, Inc

No de pièce KTPF0100UG
Description  Featuring the MMPF0100 14-Channel Configurable PMIC
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPF0100UG Fiches technique(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button KTPF0100UG Datasheet HTML 52Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 53Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 54Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 55Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 56Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 57Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 58Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 59Page - Freescale Semiconductor, Inc KTPF0100UG Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 74 page
background image
KTPF0100UG, Rev. 2.0
56
Freescale Semiconductor
Graphical User Interface Description
10.6
Programming an External PF0100 Through J36
If the KITPF0100EPEVBE is used as an external programmer for either a customer board or a dedicated PF0100
programming socket, J36 provides the required signals for such a task, however, it will be necessary to isolate the
communication signals from the on-board PMIC by doing the following:
1. Verify that J22 is NOT in position 1-2
2. Verify that J17 is NOT in position 1-2
3. Verify that J30 is NOT in position 1-2
4. Remove R43 (bottom layer)
5. Remove R46 (bottom layer)
6. Remove R47 (bottom layer)
BH1
J34
J36
J35
J17
GND1
BH2
C73
Q8
R43
Q6
C66
R74
C62
D5
C57
J39
GND4
J41
J40
C71
U4
R64
R65
R61
C80
U2
L10
U5
J5
R41
Y1
VIN_SWB1
LX_SWB1
J3
SWAB1
J30
ICTEST1
STANDBY1
GND6
J1
J27
J25
J31
Q5
Q10
Q9
R76
R75
GND3
R71
C79
C78
VIN_SWC1
R72
VIN1
J33
J10
J11
J6
VIN_SW2
VIN2
VCOREDIG1
LX_SWBST1
VIN_SWBST1
VSWBST1
R80
J8
J12
J13
GND2
VREFDDR1
VINREFDDR1
J7
VIN_SWB3
LX_SWB3
VIN3
J9
R81
U7
R83
C86
J29
J15
VGEN3
VGEN4
VHALF1
SWA3
J4
LX_SWA3
VIN_SWA3
VGEN6
VGEN5
J20
J2
VSNVS1
J26
J24
J32
BH3
J14
J43
GND5
BH4
S4
S3
S1
1
5
5
1
16 +
1
S2
5
+
1
2
3
1
A
C
25
2
6
1
1
1
6
2
1
1
9
8
13
24
12
1
48
C
A
4
3
2
1
1
1
1
1
19
20
3
1
3
2
2
1
1
A
C
1
1
1
2
1
1
1
1
1
2
1
1
1
1
4
1
3
5
1
20
19
1
1
1
1
1
1
1
1
1
1
1
1
1
19
1
2
2
20
3
R47
R46
R43
Figure 47. KITPF0100EPEVBE Bottom View - Components Location
At this point it might be a good idea to check if the PF0100 part to be programmed is blank (not programmed). This
can be easily done by pressing the “OTP Blank?” button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74