Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL Fiches technique(PDF) 45 Page - STMicroelectronics

No de pièce STA321MPL
Description  Scalable digital microphone processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL Fiches technique(HTML) 45 Page - STMicroelectronics

Back Button STA321MPL Datasheet HTML 41Page - STMicroelectronics STA321MPL Datasheet HTML 42Page - STMicroelectronics STA321MPL Datasheet HTML 43Page - STMicroelectronics STA321MPL Datasheet HTML 44Page - STMicroelectronics STA321MPL Datasheet HTML 45Page - STMicroelectronics STA321MPL Datasheet HTML 46Page - STMicroelectronics STA321MPL Datasheet HTML 47Page - STMicroelectronics STA321MPL Datasheet HTML 48Page - STMicroelectronics STA321MPL Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 50 page
background image
STA321MP
Equalization and mixing
Doc ID 022647 Rev 1
45/50
8.2
Variable max power correction
8.2.1
MPCC1-2 (0x4D, 0x4E)
The MPCC bits determine the 16 MSBs of the MPC compensation coefficient. This
coefficient is used in place of the default coefficient when MPCV = 1.
8.3
Variable distortion compensation
8.3.1
DCC1-2 (0x4F, 0x50)
The DCC bits determine the 16 MSBs of the distortion compensation coefficient. This
coefficient is used in place of the default coefficient when DCCV = 1.
8.4
Reserved registers
●
Address: (0x01)
●
Address: (0x03)
●
Address: (0x51, 0x52)
●
Address(0x53)
D7
D6
D5
D4
D3
D2
D1
D0
MPCC15
MPCC14
MPCC13
MPCC12
MPCC11
MPCC10
MPCC9
MPCC8
00
10
110
1
D7
D6
D5
D4
D3
D2
D1
D0
MPCC7
MPCC6
MPCC5
MPCC4
MPCC3
MPCC2
MPCC1
MPCC0
11
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
DCC15
DCC14
DCC13
DCC12
DCC11
DCC10
DCC9
DCC8
11
11
00
1
1
D7
D6
D5
D4
D3
D2
D1
D0
DCC7
DCC6
DCC5
DCC4
DCC3
DCC2
DCC1
DCC0
00
11
00
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50