Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRF4002 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TRF4002
Description  PCS RF POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4002 Fiches technique(HTML) 1 Page - Texas Instruments

  TRF4002 Datasheet HTML 1Page - Texas Instruments TRF4002 Datasheet HTML 2Page - Texas Instruments TRF4002 Datasheet HTML 3Page - Texas Instruments TRF4002 Datasheet HTML 4Page - Texas Instruments TRF4002 Datasheet HTML 5Page - Texas Instruments TRF4002 Datasheet HTML 6Page - Texas Instruments TRF4002 Datasheet HTML 7Page - Texas Instruments TRF4002 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TRF4002
PCS RF POWER AMPLIFIER
SLWS051 – JANUARY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Power Amplifier for 1.9-GHz CDMA
Applications
D 0.5-Micron GaAs MESFET Technology
D Operates from 3-V to 3.6-V Supply
D High Output Power... 27.5-dBm Typical at
3-V Supply and 1.9 GHz
D Gain Linearity Better Than 0.5 dB Over a
37-dB Dynamic Range
D High Adjacent Channel Power Rejection
D 20-Pin Plastic Surface-Mount TSSOP PWP
PowerPAD
t(PWP)
description
The TRF4002 personal communications system (PCS) RF power amplifier is a gallium arsenide (GaAs),
integrated circuit housed in a 20-pin plastic surface-mount, thin-shrink small outline package (TSSOP). The
package has a solderable pad that improves the package thermal performance by bonding the pad to an
external thermal plane. The pad also acts as a low-inductance electrical path-to-ground and must be electrically
connected to the printed-circuit board (PCB) ground plane as a continuation of the regular package terminals
that are designated GND. The integrated circuit is suitable for 1.9-GHz code-division multiple-access (CDMA)
applications.
The TRF4002 is a power amplifier that uses a two-stage topology with an on-/off-chip output inductor and
impedance matching network to minimize cost. It is suitable for use in mobile systems that require high linearity.
It can deliver 27.5-dBm typical output power optimized for minimum adjacent channel power.
These devices have no built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the gates.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND
NC
NC
PAOUT/VD2
PAOUT/VD2
PAOUT/VD2
PAOUT/VD2
NC
NC
GND
GND
NC
NC
RFIN
RFIN
VD1
VD1
VGG
VGG
GND
PWP PACKAGE
(TOP VIEW)
NC – No internal connection
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
© 1999, Texas Instruments Incorporated


Numéro de pièce similaire - TRF4002

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TRF4002PWP TI-TRF4002PWP Datasheet
102Kb / 8P
PCS RF DOWNCONVERTER
More results

Description similaire - TRF4002

FabricantNo de pièceFiches techniqueDescription
logo
RF Micro Devices
RF2146 RFMD-RF2146 Datasheet
129Kb / 8P
PCS LINEAR POWER AMPLIFIER
logo
Motorola, Inc
MHL18336 MOTOROLA-MHL18336 Datasheet
258Kb / 2P
PCS BAND RF LINEAR LDMOS AMPLIFIER
MHPA19010 MOTOROLA-MHPA19010 Datasheet
323Kb / 4P
PCS BAND RF LINEAR LDMOS AMPLIFIER
MHL18926 MOTOROLA-MHL18926 Datasheet
261Kb / 2P
PCS BAND RF LINEAR LDMOS AMPLIFIER
MHL19338 MOTOROLA-MHL19338 Datasheet
95Kb / 2P
PCS BAND RF LINEAR LDMOS AMPLIFIER
MHL19926 MOTOROLA-MHL19926 Datasheet
235Kb / 2P
PCS Band RF Linear LDMOS Amplifier
MHL19936 MOTOROLA-MHL19936 Datasheet
325Kb / 4P
PCS BAND RF LINEAR LDMOS AMPLIFIER
logo
Freescale Semiconductor...
MHL19338N FREESCALE-MHL19338N Datasheet
62Kb / 3P
PCS Band RF Linear LDMOS Amplifier
MHPA19010N FREESCALE-MHPA19010N Datasheet
134Kb / 8P
PCS Band RF Linear LDMOS Amplifier
MHL19338NN FREESCALE-MHL19338NN Datasheet
73Kb / 4P
PCS Band RF Linear LDMOS Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com