Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRF4002 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce TRF4002
Description  PCS RF POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4002 Fiches technique(HTML) 4 Page - Texas Instruments

  TRF4002 Datasheet HTML 1Page - Texas Instruments TRF4002 Datasheet HTML 2Page - Texas Instruments TRF4002 Datasheet HTML 3Page - Texas Instruments TRF4002 Datasheet HTML 4Page - Texas Instruments TRF4002 Datasheet HTML 5Page - Texas Instruments TRF4002 Datasheet HTML 6Page - Texas Instruments TRF4002 Datasheet HTML 7Page - Texas Instruments TRF4002 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TRF4002
PCS RF POWER AMPLIFIER
SLWS051 – JANUARY 1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VD1 = VD2 = 3 V, VGG = –0.35 V
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Input frequency range (RFIN)
1850
1910
MHz
td(on)
Turn-on time,(see Note 3)
50
µs
td(off)
Turn-off time, (see Note 4)
50
µs
Gain
17
18
19
dB
Noise figure
10
dB
Reverse isolation
40
dB
Input VSWR (RFIN) (see Note 5)
2:1
Output VSWR (PAOUT/VD2) (see Note 5)
Small signal conditions
2:1
Nominal linear output power
27.5
dBm
Power-added efficiency
PO = 27.7 dBm
30%
Gain linearity
–10 dBm < PO < 27.7 dBm
"0.5
dB
Adjacent channel power rejection
>
±1.25-MHz offset
–44
dBc
jj
(see Note 6)
>
±2.25-MHz offset
–54
dBc
Harmonics
–30
dBc
Quiescent current
450
mA
† Typical values are at TA = 25°C
NOTES:
3. Turn-on time is that time between the instant the power amplifier bias voltage changes from 0 V and the instant when the device
output power is within
±1 dB of its rated output value.
4. Turn-off time is that time between the instant that the PA bias voltage begins to fall and the instant when the PA current consumption
is less than 1 mA.
5. VSWR = voltage standing wave ratio
6. Measured at 27.5-dBM total output power with CDMA input signal.
stability
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Stability
Output VSWR < 6:1, All phase angles
–70
dBc
† Typical values are at TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com