Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRF4002 Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce TRF4002
Description  PCS RF POWER AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TRF4002 Fiches technique(HTML) 5 Page - Texas Instruments

  TRF4002 Datasheet HTML 1Page - Texas Instruments TRF4002 Datasheet HTML 2Page - Texas Instruments TRF4002 Datasheet HTML 3Page - Texas Instruments TRF4002 Datasheet HTML 4Page - Texas Instruments TRF4002 Datasheet HTML 5Page - Texas Instruments TRF4002 Datasheet HTML 6Page - Texas Instruments TRF4002 Datasheet HTML 7Page - Texas Instruments TRF4002 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TRF4002
PCS RF POWER AMPLIFIER
SLWS051 – JANUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 1
17
16.5
15.5
15
–5
0
2.5
5
7.5
17.5
18.5
GAIN
vs
INPUT POWER
19
10
–2.5
18
16
PI – Input Power – dBm
Frequency = 1.91 GHz
VD1 = VD2 = 3 V
VGG = –0.35 V
TA = –30°C
TA = 25°C
TA = 80°C
Figure 2
20
16
14
10
24
28
OUTPUT POWER
vs
INPUT POWER
30
26
22
18
12
PI – Input Power – dBm
–5
0
2.5
5
7.5
10
–2.5
Frequency = 1.91 GHz
VD1 = VD2 = 3 V
VGG = –0.35 V
TA = –30°C
TA = 25°C
TA = 80°C
Figure 3
–8
–12
–16
1.82
1.84
1.86
1.88
–6
–2
INPUT RETURN LOSS
vs
FREQUENCY
0
1.90
1.94
–4
–10
f – Frequency – GHz
PI = –10 dBm
VGG = –0.35 V
TA = 25°C
VD1 = VD2 = 3 V
–14
Figure 4
27.5
26
25
1.82
1.84
1.86
1.88
28
29.5
OUTPUT POWER
vs
FREQUENCY
30
1.90
1.94
29
26.5
f – Frequency – GHz
VD1 = VD2 = 3 V
PI = –13 dBm
VGG = –0.35 V
25.5
TA = 80°C
27
28.5
TA = –30°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com