| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5631ADDFB Fiches technique(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB Fiches technique(HTML) 91 Page - Renesas Technology Corp |
|
91 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 91 of 106 Dec 27, 2011 RX63N Group, RX631 Group 4. I/O Registers Under development Preliminary document Specifications in this document are tentative and subject to change. 000A 0070h USB0 Pipe 1 control register PIPE1CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0072h USB0 Pipe 2 control register PIPE2CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0074h USB0 Pipe 3 control register PIPE3CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0076h USB0 Pipe 4 control register PIPE4CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0078h USB0 Pipe 5 control register PIPE5CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 007Ah USB0 Pipe 6 control register PIPE6CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 007Ch USB0 Pipe 7 control register PIPE7CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 007Eh USB0 Pipe 8 control register PIPE8CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0080h USB0 Pipe 9 control register PIPE9CTR 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0090h USB0 Pipe 1 transaction counter enable register PIPE1TRE 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0092h USB0 Pipe 1 transaction counter register PIPE1TRN 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0094h USB0 Pipe 2 transaction counter enable register PIPE2TRE 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 000A 0096h USB0 Pipe 2 transaction counter register PIPE2TRN 16 16 9 PCLKB or more Rounded up to the nearest integer greater than 1 + 9/ (frequency ratio of ICLK/PCLKB)*6 Table 4.1 List of I/O Registers (Address Order) (38/44) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access States ICLK PCLK ICLK<PCLK |