| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5631ADDFB Fiches technique(PDF) 59 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB Fiches technique(HTML) 59 Page - Renesas Technology Corp |
|
59 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 59 of 106 Dec 27, 2011 RX63N Group, RX631 Group 4. I/O Registers Under development Preliminary document Specifications in this document are tentative and subject to change. 0008 7084h ICU Interrupt request register 132 IR132 8 8 2 ICLK 0008 7085h ICU Interrupt request register 133 IR133 8 8 2 ICLK 0008 7086h ICU Interrupt request register 134 IR134 8 8 2 ICLK 0008 7087h ICU Interrupt request register 135 IR135 8 8 2 ICLK 0008 7088h ICU Interrupt request register 136 IR136 8 8 2 ICLK 0008 7089h ICU Interrupt request register 137 IR137 8 8 2 ICLK 0008 708Ah ICU Interrupt request register 138 IR138 8 8 2 ICLK 0008 708Bh ICU Interrupt request register 139 IR139 8 8 2 ICLK 0008 708Ch ICU Interrupt request register 140 IR140 8 8 2 ICLK 0008 708Dh ICU Interrupt request register 141 IR141 8 8 2 ICLK 0008 708Eh ICU Interrupt request register 142 IR142 8 8 2 ICLK 0008 708Fh ICU Interrupt request register 143 IR143 8 8 2 ICLK 0008 7090h ICU Interrupt request register 144 IR144 8 8 2 ICLK 0008 7091h ICU Interrupt request register 145 IR145 8 8 2 ICLK 0008 7092h ICU Interrupt request register 146 IR146 8 8 2 ICLK 0008 7093h ICU Interrupt request register 147 IR147 8 8 2 ICLK 0008 7094h ICU Interrupt request register 148 IR148 8 8 2 ICLK 0008 7095h ICU Interrupt request register 149 IR149 8 8 2 ICLK 0008 7096h ICU Interrupt request register 150 IR150 8 8 2 ICLK 0008 7097h ICU Interrupt request register 151 IR151 8 8 2 ICLK 0008 7098h ICU Interrupt request register 152 IR152 8 8 2 ICLK 0008 7099h ICU Interrupt request register 153 IR153 8 8 2 ICLK 0008 709Ah ICU Interrupt request register 154 IR154 8 8 2 ICLK 0008 709Bh ICU Interrupt request register 155 IR155 8 8 2 ICLK 0008 709Ch ICU Interrupt request register 156 IR156 8 8 2 ICLK 0008 709Dh ICU Interrupt request register 157 IR157 8 8 2 ICLK 0008 709Eh ICU Interrupt request register 158 IR158 8 8 2 ICLK 0008 709Fh ICU Interrupt request register 159 IR159 8 8 2 ICLK 0008 70A0h ICU Interrupt request register 160 IR160 8 8 2 ICLK 0008 70A1h ICU Interrupt request register 161 IR161 8 8 2 ICLK 0008 70A2h ICU Interrupt request register 162 IR162 8 8 2 ICLK 0008 70A3h ICU Interrupt request register 163 IR163 8 8 2 ICLK 0008 70A4h ICU Interrupt request register 164 IR164 8 8 2 ICLK 0008 70A5h ICU Interrupt request register 165 IR165 8 8 2 ICLK 0008 70A6h ICU Interrupt request register 166 IR166 8 8 2 ICLK 0008 70A7h ICU Interrupt request register 167 IR167 8 8 2 ICLK 0008 70AAh ICU Interrupt request register 170 IR170 8 8 2 ICLK 0008 70ABh ICU Interrupt request register 171 IR171 8 8 2 ICLK 0008 70ACh ICU Interrupt request register 172 IR172 8 8 2 ICLK 0008 70ADh ICU Interrupt request register 173 IR173 8 8 2 ICLK 0008 70AEh ICU Interrupt request register 174 IR174 8 8 2 ICLK 0008 70AFh ICU Interrupt request register 175 IR175 8 8 2 ICLK 0008 70B0h ICU Interrupt request register 176 IR176 8 8 2 ICLK 0008 70B1h ICU Interrupt request register 177 IR177 8 8 2 ICLK 0008 70B2h ICU Interrupt request register 178 IR178 8 8 2 ICLK 0008 70B3h ICU Interrupt request register 179 IR179 8 8 2 ICLK 0008 70B4h ICU Interrupt request register 180 IR180 8 8 2 ICLK 0008 70B5h ICU Interrupt request register 181 IR181 8 8 2 ICLK 0008 70B6h ICU Interrupt request register 182 IR182 8 8 2 ICLK 0008 70B7h ICU Interrupt request register 183 IR183 8 8 2 ICLK 0008 70B8h ICU Interrupt request register 184 IR184 8 8 2 ICLK 0008 70B9h ICU Interrupt request register 185 IR185 8 8 2 ICLK Table 4.1 List of I/O Registers (Address Order) (6/44) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access States ICLK PCLK ICLK<PCLK |