| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5631ADDFB Fiches technique(PDF) 64 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB Fiches technique(HTML) 64 Page - Renesas Technology Corp |
|
64 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 64 of 106 Dec 27, 2011 RX63N Group, RX631 Group 4. I/O Registers Under development Preliminary document Specifications in this document are tentative and subject to change. 0008 7300h ICU Interrupt source priority register 000 IPR000 8 8 2 ICLK 0008 7301h ICU Interrupt source priority register 001 IPR001 8 8 2 ICLK 0008 7302h ICU Interrupt source priority register 002 IPR002 8 8 2 ICLK 0008 7303h ICU Interrupt source priority register 003 IPR003 8 8 2 ICLK 0008 7304h ICU Interrupt source priority register 004 IPR004 8 8 2 ICLK 0008 7305h ICU Interrupt source priority register 005 IPR005 8 8 2 ICLK 0008 7306h ICU Interrupt source priority register 006 IPR006 8 8 2 ICLK 0008 7307h ICU Interrupt source priority register 007 IPR007 8 8 2 ICLK 0008 7320h ICU Interrupt source priority register 032 IPR032 8 8 2 ICLK 0008 7321h ICU Interrupt source priority register 033 IPR033 8 8 2 ICLK 0008 7322h ICU Interrupt source priority register 034 IPR034 8 8 2 ICLK 0008 7323h ICU Interrupt source priority register 035 IPR035 8 8 2 ICLK 0008 7324h ICU Interrupt source priority register 036 IPR036 8 8 2 ICLK 0008 7325h ICU Interrupt source priority register 037 IPR037 8 8 2 ICLK 0008 7326h ICU Interrupt source priority register 038 IPR038 8 8 2 ICLK 0008 7327h ICU Interrupt source priority register 039 IPR039 8 8 2 ICLK 0008 732Ah ICU Interrupt source priority register 042 IPR042 8 8 2 ICLK 0008 732Dh ICU Interrupt source priority register 045 IPR045 8 8 2 ICLK 0008 7330h ICU Interrupt source priority register 048 IPR048 8 8 2 ICLK 0008 7334h ICU Interrupt source priority register 052 IPR052 8 8 2 ICLK 0008 7338h ICU Interrupt source priority register 056 IPR056 8 8 2 ICLK 0008 733Eh ICU Interrupt source priority register 062 IPR062 8 8 2 ICLK 0008 7340h ICU Interrupt source priority register 064 IPR064 8 8 2 ICLK 0008 7341h ICU Interrupt source priority register 065 IPR065 8 8 2 ICLK 0008 7342h ICU Interrupt source priority register 066 IPR066 8 8 2 ICLK 0008 7343h ICU Interrupt source priority register 067 IPR067 8 8 2 ICLK 0008 7344h ICU Interrupt source priority register 068 IPR068 8 8 2 ICLK 0008 7345h ICU Interrupt source priority register 069 IPR069 8 8 2 ICLK 0008 7346h ICU Interrupt source priority register 070 IPR070 8 8 2 ICLK 0008 7347h ICU Interrupt source priority register 071 IPR071 8 8 2 ICLK 0008 7348h ICU Interrupt source priority register 072 IPR072 8 8 2 ICLK 0008 7349h ICU Interrupt source priority register 073 IPR073 8 8 2 ICLK 0008 734Ah ICU Interrupt source priority register 074 IPR074 8 8 2 ICLK 0008 734Bh ICU Interrupt source priority register 075 IPR075 8 8 2 ICLK 0008 734Ch ICU Interrupt source priority register 076 IPR076 8 8 2 ICLK 0008 734Dh ICU Interrupt source priority register 077 IPR077 8 8 2 ICLK 0008 734Eh ICU Interrupt source priority register 078 IPR078 8 8 2 ICLK 0008 734Fh ICU Interrupt source priority register 079 IPR079 8 8 2 ICLK 0008 735Ah ICU Interrupt source priority register 090 IPR090 8 8 2 ICLK 0008 735Bh ICU Interrupt source priority register 091 IPR091 8 8 2 ICLK 0008 735Ch ICU Interrupt source priority register 092 IPR092 8 8 2 ICLK 0008 735Dh ICU Interrupt source priority register 093 IPR093 8 8 2 ICLK 0008 7362h ICU Interrupt source priority register 098 IPR098 8 8 2 ICLK 0008 7366h ICU Interrupt source priority register 102 IPR102 8 8 2 ICLK 0008 736Ah ICU Interrupt source priority register 106 IPR106 8 8 2 ICLK 0008 736Bh ICU Interrupt source priority register 107 IPR107 8 8 2 ICLK 0008 736Ch ICU Interrupt source priority register 108 IPR108 8 8 2 ICLK 0008 736Dh ICU Interrupt source priority register 109 IPR109 8 8 2 ICLK 0008 736Eh ICU Interrupt source priority register 110 IPR110 8 8 2 ICLK 0008 736Fh ICU Interrupt source priority register 111 IPR111 8 8 2 ICLK 0008 7370h ICU Interrupt source priority register 112 IPR112 8 8 2 ICLK 0008 7372h ICU Interrupt source priority register 114 IPR114 8 8 2 ICLK Table 4.1 List of I/O Registers (Address Order) (11/44) Address Module Symbol Register Name Register Symbol Number of Bits Access Size Number of Access States ICLK PCLK ICLK<PCLK |