| Moteur de recherche de fiches techniques de composants électroniques |
|
R5F5631ADDFB Fiches technique(PDF) 51 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F5631ADDFB Fiches technique(HTML) 51 Page - Renesas Technology Corp |
|
51 / 108 page ![]() R01DS0098EJ0090 Rev.0.90 Page 51 of 106 Dec 27, 2011 RX63N Group, RX631 Group 3. Address Space 3. Address Space 3.1 Address Space This LSI has a 4-Gbyte address space, consisting of the range of addresses from 0000 0000h to FFFF FFFFh. That is, linear access to an address space of up to 4 Gbytes is possible, and this contains both program and data areas. Figure 3.1 shows the memory maps in the respective operating modes. Accessible areas will differ according to the operating mode and states of control bits. |