| Moteur de recherche de fiches techniques de composants électroniques |
|
SX8663 Fiches technique(PDF) 33 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8663 Fiches technique(HTML) 33 Page - Semtech Corporation |
|
33 / 64 page ![]() ADVANCED COMMUNICATIONS & SENSING Rev5 4 th August 2011 © 2011 Semtech Corp. www.semtech.com 33 SX8663 Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output RESETB The RESETB pin is a high impedance input pin. The RESETB pin is protected to VDD using dedicated devices. The RESETB pin has diode protected to GROUND. Figure 39 shows the simplified diagram of the RESETB pin controlled by the host. Figure 39 Simplified diagram of RESETB controlled by host Figure 40 shows the RESETB without host control. Figure 40 Simplified diagram of RESETB without host control VDD R_RESETB RESETB SX8663 from host RESETB_IN VDD RESETB SX8663 RESETB_IN |