Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SX8663 Fiches technique(PDF) 31 Page - Semtech Corporation

No de pièce SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Fiches technique(HTML) 31 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 27Page - Semtech Corporation SX8663 Datasheet HTML 28Page - Semtech Corporation SX8663 Datasheet HTML 29Page - Semtech Corporation SX8663 Datasheet HTML 30Page - Semtech Corporation SX8663 Datasheet HTML 31Page - Semtech Corporation SX8663 Datasheet HTML 32Page - Semtech Corporation SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation SX8663 Datasheet HTML 35Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
31
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Figure 35
Simplified diagram of CN and CP
4.3
Host interface pins
The host interface consists of the interrupt pin INTB, a reset pin RESETB and the standard I2C pins: SCL and
SDA.
INTB
The INTB pin is an open drain output that requires an external pull-up resistor (1..10 kOhm). The INTB pin is
protected to VDD using dedicated devices. The INTB pin has diode protected to GROUND.
Figure 36 shows a simplified diagram of the INTB pin.
Figure 36
Simplified diagram of INTB
SX8663
ASI
CP
VANA
CN
VANA
VDD
R_INT
INTB
SX8663
INT
to host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64