Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SX8663 Fiches technique(PDF) 34 Page - Semtech Corporation

No de pièce SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SEMTECH [Semtech Corporation]
Site Internet  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Fiches technique(HTML) 34 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 30Page - Semtech Corporation SX8663 Datasheet HTML 31Page - Semtech Corporation SX8663 Datasheet HTML 32Page - Semtech Corporation SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation SX8663 Datasheet HTML 35Page - Semtech Corporation SX8663 Datasheet HTML 36Page - Semtech Corporation SX8663 Datasheet HTML 37Page - Semtech Corporation SX8663 Datasheet HTML 38Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
34
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
4.4
Power management pins
The power management pins consist of the Power, Ground and Regulator pins.
VDD
VDD is a power pin and is the main power supply for the SX8663.
VDD has protection to GROUND.
Figure 41 shows a simplified diagram of the VDD pin.
Figure 41
Simplified diagram of VDD
GND
The SX8663 has four ground pins all named GND. These pins and the package center pad need to be connected
to ground potential.
The GND has protection to VDD.
Figure 42 shows a simplified diagram of the GND pin.
Figure 42
Simplified diagram of GND
VDD
SX8663
VDD
VDD
SX8663
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64