| Moteur de recherche de fiches techniques de composants électroniques |
|
SX8663 Fiches technique(PDF) 25 Page - Semtech Corporation |
|
|
|||||||||||||||||||||||||||||
SX8663 Fiches technique(HTML) 25 Page - Semtech Corporation |
|
25 / 64 page ![]() ADVANCED COMMUNICATIONS & SENSING Rev5 4 th August 2011 © 2011 Semtech Corp. www.semtech.com 25 SX8663 Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output Figure 24 LED Control in GPO mode, Autolight OFF Figure 25 LED Control in GPO mode, Autolight ON Additionally these transitions can be configured to be done with or without fading following a logarithmic or linear function. This is illustrated in figures below. Figure 26 GPO ON transition (LED fade in), normal polarity, (a) linear, (b) logarithmic Figure 27 GPO ON transition (LED fade in), inverted polarity, (a) linear, (b) logarithmic The fading out (e.g. after a button is released) is identical to the fading in but an additional off delay can be added before the fading starts (Figure 28 and Figure 29). |