| Moteur de recherche de fiches techniques de composants électroniques |
|
DLD1 Fiches technique(PDF) 68 Page - ITT Industries |
|
|
|||||||||||||||||||||||||||||
DLD1 Fiches technique(HTML) 68 Page - ITT Industries |
|
68 / 76 page ![]() Dimensions are shown in mm (inch) Dimensions subject to change 67 ZIF Connectors DLD DLD2 Panel Cutouts and Mounting Hole Patterns DLD2-96 Plug DLD2-96 Receptacle Front Panel Bridge Rear Panel Bridge 51,31 (2.020) 58,04-57,78 (2.285-2.275) 19,51-19,25 28,45 (1.120) 4X Ø 3,30-3,17 4X R 3,56 (.140) MAX MIN (.130-.125) (.768-.758) MIN CL SYMM CL SYMM 51,31 (2.020) 58,04-57,78 19,51-19,25 23,37 (.920) 8X R 3,56 (.140) MAX 85,72 (3.375) 4X NO. 4-40 UNC-2B 2X Ø 5,21 (.205) THRU SEE VIEW C OR D THREAD THRU C L SYMM CL SYMM (.768-.758) (2.285-2.275) MIN 6,53-6,40 (.257-.252) 5,74-5,66 (.226-.223) 2X 3,81-3,56 (.150-.140) 9,53-9,14 (.375-.360) 4X R 1,02 (.040) MAX 8,13-7,62 (.320-.300) Ø 3,81-3,56 (.150-.140) THRU 8,13-7,62 (.320-.300) 2X 3,81-3,56 (.150-.140) 9,53-9,14 (.375-.360) 4X R 1,02 (.040) MAX View C View D |