Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD1 Fiches technique(PDF) 37 Page - ITT Industries

No de pièce DLD1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD1 Fiches technique(HTML) 37 Page - ITT Industries

Back Button DLD1 Datasheet HTML 33Page - ITT Industries DLD1 Datasheet HTML 34Page - ITT Industries DLD1 Datasheet HTML 35Page - ITT Industries DLD1 Datasheet HTML 36Page - ITT Industries DLD1 Datasheet HTML 37Page - ITT Industries DLD1 Datasheet HTML 38Page - ITT Industries DLD1 Datasheet HTML 39Page - ITT Industries DLD1 Datasheet HTML 40Page - ITT Industries DLD1 Datasheet HTML 41Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
36
ZIF Connectors
DL5
DL5 — Plastic Body — 260 Pin Connectors — Square Post Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Order actuating handle kit separately, see
page 47.
Part Number
Nomenclature
A
111986-0003
DL5-260PW4A
15,37 (.605)
111986-0000
DL5-260PW6A
7,11 (.280)
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Front Removable 0,64 (.025) Square Posts
2,54 (.100) Centers.
Part Number
Nomenclature
A
111987-0001
DL5-260RW4B
15,37 (.605)
111987-0000
DL5-260RW6B
7,11 (.280)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76