Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD1 Fiches technique(PDF) 40 Page - ITT Industries

No de pièce DLD1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD1 Fiches technique(HTML) 40 Page - ITT Industries

Back Button DLD1 Datasheet HTML 36Page - ITT Industries DLD1 Datasheet HTML 37Page - ITT Industries DLD1 Datasheet HTML 38Page - ITT Industries DLD1 Datasheet HTML 39Page - ITT Industries DLD1 Datasheet HTML 40Page - ITT Industries DLD1 Datasheet HTML 41Page - ITT Industries DLD1 Datasheet HTML 42Page - ITT Industries DLD1 Datasheet HTML 43Page - ITT Industries DLD1 Datasheet HTML 44Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
39
ZIF Connectors
DLM5
DLM5 — Metal Body — 260 Pin Connectors — PC/RC Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0111
DLM5-260PC
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
For PC hole pattern, see page 62.
Part Number
Nomenclature
127050-0112
DLM5-260RC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76