Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLD1 Fiches technique(PDF) 22 Page - ITT Industries

No de pièce DLD1
Description  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

DLD1 Fiches technique(HTML) 22 Page - ITT Industries

Back Button DLD1 Datasheet HTML 18Page - ITT Industries DLD1 Datasheet HTML 19Page - ITT Industries DLD1 Datasheet HTML 20Page - ITT Industries DLD1 Datasheet HTML 21Page - ITT Industries DLD1 Datasheet HTML 22Page - ITT Industries DLD1 Datasheet HTML 23Page - ITT Industries DLD1 Datasheet HTML 24Page - ITT Industries DLD1 Datasheet HTML 25Page - ITT Industries DLD1 Datasheet HTML 26Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
21
ZIF Connectors
DL2
DL2 — Plastic Body — 96 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
110777-0000
DL2-96P
Receptacle
For contact cavity arrangement, see page 68.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
086-0031-000
DL2-96R
19,38 (.763)
57,91 (2.280)
65,80 (2.592)
50,60 (1.994)
4X Ø 3,03 (.119)
28,12 (1.108)
7,92 (.312)
6,35
(.250)
39,19
(1.543)
23,10
(.910)
CAMSHAFT
TURNING DIRECTION
24,05
(.947)
50,60 (1.994)
19,38 (.763)
57,91 (2.280)
65,80 (2.592)
50,60 (1.994)
4X Ø 3,03 (.119)
28,12 (1.108)
7,75 (.305)
6,35 (.250)
20,32 (.800)
24,05
(.947)
50,60 (1.994)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76