Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FD2000 Fiches technique(PDF) 2 Page - Finechips

No de pièce FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINECHIPS [Finechips]
Site Internet  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Fiches technique(HTML) 2 Page - Finechips

  FD2000 Datasheet HTML 1Page - Finechips FD2000 Datasheet HTML 2Page - Finechips FD2000 Datasheet HTML 3Page - Finechips FD2000 Datasheet HTML 4Page - Finechips FD2000 Datasheet HTML 5Page - Finechips FD2000 Datasheet HTML 6Page - Finechips FD2000 Datasheet HTML 7Page - Finechips FD2000 Datasheet HTML 8Page - Finechips FD2000 Datasheet HTML 9Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
FD2000
Rev1.0
2/37
CONTENTS
1. OVERVIEW ............................................................................................................................................................ 4
2. FEATURES............................................................................................................................................................. 4
3. BLOCK DIAGRAM .................................................................................................................................................. 5
4. PIN ASSIGNMENTS............................................................................................................................................... 6
4.1. 80-MQFP-1420 ................................................................................................................................................ 6
4.2. 80-LQFP-1212 ................................................................................................................................................. 7
5. PIN DESCRIPTIONS.............................................................................................................................................. 8
6. BLOCK FUNCTIONS.............................................................................................................................................. 9
6.1. AC (Address counter)....................................................................................................................................... 9
6.2. DCRAM (Data control RAM) ............................................................................................................................ 9
6.3. ADRAM (Additional data RaM) ...................................................................................................................... 10
6.4. CGROM (Character generator ROM) ............................................................................................................ 11
6.5. CGRAM (Character generator RAM) ............................................................................................................. 11
7. RESET FUNCTION ............................................................................................................................................. 12
8. SERIAL DATA TRANSFER FORMAT................................................................................................................. 13
9. INSTRUCTION TABLE......................................................................................................................................... 14
10. DETAILED INSTRUCTION DESCRIPTIONS .................................................................................................... 15
10.1. Set display technique ― Sets the display technique ................................................................................... 15
10.2. Display on/off control ― Turns the display on or off .................................................................................... 15
10.3. Display shift ― Shifts the display................................................................................................................. 16
10.4. Set AC address ― Specifies the DCRAM and ADRAM address for AC ..................................................... 17
10.5. DCRAM data write ― Specifies the DCRAM address and stores data at that address .............................. 17
10.6. ADRAM data write ― Specifies the ADRAM address and stores data at that address .............................. 19
10.7. CGRAM data write ― Specifies the CGRAM address and stores data at that address ............................. 21
11. NOTES ON THE POWER ON AND POWER OFF SEQUENCES .................................................................... 22
12. LCD DRIVE TECHNIQUE .................................................................................................................................. 23
12.1. 1/8 duty, 1/4 bias drive technique ................................................................................................................ 23
12.2. 1/9 duty, 1/4 bias drive technique ................................................................................................................ 24
12.3. 1/10 duty, 1/4 bias drive technique .............................................................................................................. 25
13. SAMPLE APPLICATION CIRCUIT..................................................................................................................... 26
13.1. 1/8 duty, 1/4 bias drive (For use with normal panels) .................................................................................. 26
13.2. 1/8 duty, 1/4 bias drive (For use with large panels) ..................................................................................... 26
13.3. 1/9 duty, 1/4 bias drive (For use with normal panels) .................................................................................. 27
13.4. 1/9 duty, 1/4 bias drive (For use with large panels) ..................................................................................... 27
13.5. 1/10 duty, 1/4 bias drive (For use with normal panels) ................................................................................ 28
13.6. 1/10 duty, 1/4 bias drive (For use with large panels) ................................................................................... 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37