Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FD2000 Fiches technique(PDF) 18 Page - Finechips

No de pièce FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINECHIPS [Finechips]
Site Internet  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Fiches technique(HTML) 18 Page - Finechips

Back Button FD2000 Datasheet HTML 14Page - Finechips FD2000 Datasheet HTML 15Page - Finechips FD2000 Datasheet HTML 16Page - Finechips FD2000 Datasheet HTML 17Page - Finechips FD2000 Datasheet HTML 18Page - Finechips FD2000 Datasheet HTML 19Page - Finechips FD2000 Datasheet HTML 20Page - Finechips FD2000 Datasheet HTML 21Page - Finechips FD2000 Datasheet HTML 22Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
FD2000
Rev1.0
18/37
− DCRAM data write method when IM = 0
− DCRAM data write method when IM = 1 (Instructions other than the “DCRAM data write” instruction cannot be
executed.)
10.5.4. Data format at (1) (24 bits)
Code
D40 D41 D42 D43 D44 D45 D46 D47 D48 D49 D50 D51 D52 D53 D54 D55 D56 D57 D58 D59 D60 D61 D62 D63
AC0 AC1 AC2 AC3 AC4 AC5 AC6 AC7 DA0 DA1 DA2 DA3 DA4 DA5
X
X
IM
X
X
X
0
1
0
1
X: don’t care
10.5.5. Data format at (2) (8 bits)
Code
D56 D57 D58 D59 D60 D61 D62 D63
AC0 AC1 AC2 AC3 AC4 AC5 AC6 AC7
10.5.6. Data format at (3) (16 bits)
Code
D48 D49 D50 D51 D52 D53 D54 D55 D56 D57 D58 D59 D60 D61 D62 D63
AC0 AC1 AC2 AC3 AC4 AC5 AC6 AC7
0
X
X
X
0
1
0
1
X: don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37