| Moteur de recherche de fiches techniques de composants électroniques |
|
FD2000 Fiches technique(PDF) 15 Page - Finechips |
|
|
|||||||||||||||||||||||||||||
FD2000 Fiches technique(HTML) 15 Page - Finechips |
|
15 / 37 page ![]() FD2000 Rev1.0 15/37 10. DETAILED INSTRUCTION DESCRIPTIONS 10.1. SET DISPLAY TECHNIQUE ― Sets the display technique Code D56 D57 D58 D59 D60 D61 D62 D63 DT1 DT2 X X 0 0 0 1 X: don’t care 10.1.1. DT1, DT2: Setting the display technique Output pins DT1 DT2 Display technique S60/COM9 S59/COM10 0 0 1/8 duty, 1/4 bias drive S60 S59 1 0 1/9 duty, 1/4 bias drive COM9 S59 0 1 1/10 duty, 1/4 bias drive COM9 COM10 10.2. DISPLAY ON/OFF CONTROL ― Turns the display on or off Code D40 D41 D42 D43 D44 D45 D46 D47 D48 D49 D50 D51 D52 D53 D54 D55 D56 D57 D58 D59 D60 D61 D62 D63 DG1 DG2 DG3 DG4 DG5 DG6 DG7 DG8 DG9 DG10 DG11 DG12 X X X X M A SC BU 0 0 1 0 X: don’t care 10.2.1. M, A: Specifies the data to be turned on or off M A Display operating state 0 0 Both MDATA and ADATA are turned off (The display is forcibly turned off regardless of the DG1 to DG12 data.) 0 1 Only ADATA is turned on (The ADATA of display digits specified by the DG1 to DG12 data are turned on.) 1 0 Only MDATA is turned on (The MDATA of display digits specified by the DG1 to DG12 data are turned on.) 1 1 Both MDATA and ADATA are turned on (The MDATA and ADATA of display digits specified by the DG1 to DG12 data are turned on.) |