Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FD2000 Fiches technique(PDF) 11 Page - Finechips

No de pièce FD2000
Description  LCD Display Driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FINECHIPS [Finechips]
Site Internet  http://www.finechips.com
Logo FINECHIPS - Finechips

FD2000 Fiches technique(HTML) 11 Page - Finechips

Back Button FD2000 Datasheet HTML 7Page - Finechips FD2000 Datasheet HTML 8Page - Finechips FD2000 Datasheet HTML 9Page - Finechips FD2000 Datasheet HTML 10Page - Finechips FD2000 Datasheet HTML 11Page - Finechips FD2000 Datasheet HTML 12Page - Finechips FD2000 Datasheet HTML 13Page - Finechips FD2000 Datasheet HTML 14Page - Finechips FD2000 Datasheet HTML 15Page - Finechips Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
FD2000
Rev1.0
11/37
6.4. CGROM (CHARACTER GENERATOR ROM)
CGROM is ROM used to generate the 240 kinds of 5 x 7, 5 x 8, or 5 x 9 dot matrix character patterns from the 8-
bit character codes. CGROM has a capacity of 240 x 45 bits. When a character code is written to DCRAM, the
character pattern stored in CGROM corresponding to the character code is displayed at the position on the LCD
corresponding to the DCRAM address loaded into AC.
6.5. CGRAM (CHARACTER GENERATOR RAM)
CGRAM is RAM to which user programs can freely write arbitrary character patterns. Up to 16 kinds of 5 x 7, 5 x 8,
or 5 x 9 dot matrix character patterns can be stored. CGRAM has a capacity of 16 x 45 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37