Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRU050 Fiches technique(PDF) 3 Page - Vectron International, Inc

No de pièce TRU050
Description  Complete VCXO based Phase-Locked Loop
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050 Fiches technique(HTML) 3 Page - Vectron International, Inc

  TRU050_09 Datasheet HTML 1Page - Vectron International, Inc TRU050_09 Datasheet HTML 2Page - Vectron International, Inc TRU050_09 Datasheet HTML 3Page - Vectron International, Inc TRU050_09 Datasheet HTML 4Page - Vectron International, Inc TRU050_09 Datasheet HTML 5Page - Vectron International, Inc TRU050_09 Datasheet HTML 6Page - Vectron International, Inc TRU050_09 Datasheet HTML 7Page - Vectron International, Inc TRU050_09 Datasheet HTML 8Page - Vectron International, Inc TRU050_09 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 3 of 15
Rev: 12Aug2009
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can permanently damage the device. Functional
operation is not implied at these or any other conditions in excess of conditions represented in the operational
sections of this data sheet. Exposure to absolute maximum ratings for extended periods may adversely affect
device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Symbol
Ratings
Unit
Power Supply
VDD
7
Vdc
Storage Temperature
Tstorage
-55/125
°C
Soldering Temperature/Duration
TPEAK / tP
260 / 40
°C/sec
Clock and Data Input Range
CLKIN, DATAIN
Gnd-0.5 to VDD +0.5
V
Reliability
The TRU050 is capable of meeting the following qualification tests.
Table 3. Environmental Compliance
Parameter
Conditions
Mechanical Shock
MIL-STD-883, Method 2002
Mechanical Vibration
MIL-STD-883, Method 2007
Solderability
MIL-STD-883, Method 2003
Gross and Fine Leak
MIL-STD-883, Method 1014, 100% Tested
Resistance to Solvents
MIL-STD-883, Method 2016
Handling Precautions
Although ESD protection circuitry has been designed into the the TRU050, proper precautions should be
taken when handling and mounting. VI employs a human body model and a charged-device model (CDM) for
ESD susceptibility testing and design protection evaluation. ESD thresholds are dependent on the circuit
parameters used to define the model.
Table 4. ESD Ratings
Model
Minimum
Human Body Model
1500V
MIL-STD 3015
Charged Device Model
1000V
JESD 22-C101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com