Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRU050 Fiches technique(PDF) 1 Page - Vectron International, Inc

No de pièce TRU050
Description  Complete VCXO based Phase-Locked Loop
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050 Fiches technique(HTML) 1 Page - Vectron International, Inc

  TRU050_09 Datasheet HTML 1Page - Vectron International, Inc TRU050_09 Datasheet HTML 2Page - Vectron International, Inc TRU050_09 Datasheet HTML 3Page - Vectron International, Inc TRU050_09 Datasheet HTML 4Page - Vectron International, Inc TRU050_09 Datasheet HTML 5Page - Vectron International, Inc TRU050_09 Datasheet HTML 6Page - Vectron International, Inc TRU050_09 Datasheet HTML 7Page - Vectron International, Inc TRU050_09 Datasheet HTML 8Page - Vectron International, Inc TRU050_09 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 1 of 15
Rev: 12Aug2009
TRU050
Complete VCXO based Phase-Locked Loop
The TRU050, VCXO based PLL
Features
• Output Frequencies to 65.536 MHz
• 5.0 V or 3.3Vdc Operation
• Tri-State Output
• Holdover on Loss of Signal Alarm
• VCXO with CMOS Outputs
• 0/70° or –40/85°C Temperature Range
• Ceramic SMD Package
• RoHS/Lead Free Compliant
Description
The VI TRU050 is a user-configurable crystal-based
PLL integrated circuit. It includes a digital phase
detector, op-amp, VCXO and additional integrated
functions for use in digital synchronization
applications. Loop filter software is available as well
SPICE models for circuit simulation.
Applications
• Frequency Translation
• Clock Smoothing
• NRZ Clock Recovery
• DSLAM, ADM, ATM, Aggregation, Optical
Switching/Routing, Base Station
• Low Jitter PLL’s
Figure 1. TRU050 Block Diagram


Numéro de pièce similaire - TRU050_09

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
TRU050-GACCA ETC-TRU050-GACCA Datasheet
4Mb / 17P
SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GACFA ETC-TRU050-GACFA Datasheet
4Mb / 17P
SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
TRU050-GACGA ETC-TRU050-GACGA Datasheet
4Mb / 17P
SINGLE DROP IN QUARTZ STABILIZED PLL SOLUTUION
logo
Vectron International, ...
TRU050-GACGA-1M0000000 VECTRON-TRU050-GACGA-1M0000000 Datasheet
177Kb / 14P
Complete VCXO based Phase-Locked Loop
TRU050-GACGA-65M0000000 VECTRON-TRU050-GACGA-65M0000000 Datasheet
177Kb / 14P
Complete VCXO based Phase-Locked Loop
More results

Description similaire - TRU050_09

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
List of Unclassifed Man...
CD-700 ETC1-CD-700 Datasheet
147Kb / 14P
Complete VCXO Based Phase Lock Loop
logo
Vectron International, ...
CD-700 VECTRON-CD-700 Datasheet
123Kb / 14P
Complete VCXO Based Phase Lock Loop
TRU050 VECTRON-TRU050 Datasheet
177Kb / 14P
Complete VCXO based Phase-Locked Loop
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
logo
Vectron International, ...
CD-700 VECTRON-CD-700_09 Datasheet
553Kb / 12P
Complete VCXO Based Phase Lock Loop
FX-702-SYNCE-156M250000 VECTRON-FX-702-SYNCE-156M250000 Datasheet
326Kb / 7P
Complete VCSO Based Phase Lock Loop
CD-700-SYNCE-25M0000000 VECTRON-CD-700-SYNCE-25M0000000 Datasheet
489Kb / 11P
Complete VCXO Based Phase Lock Loop
logo
Z-Communications, Inc
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
PSA3180C ZCOMM-PSA3180C Datasheet
93Kb / 2P
PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com