Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRU050 Fiches technique(PDF) 2 Page - Vectron International, Inc

No de pièce TRU050
Description  Complete VCXO based Phase-Locked Loop
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050 Fiches technique(HTML) 2 Page - Vectron International, Inc

  TRU050_09 Datasheet HTML 1Page - Vectron International, Inc TRU050_09 Datasheet HTML 2Page - Vectron International, Inc TRU050_09 Datasheet HTML 3Page - Vectron International, Inc TRU050_09 Datasheet HTML 4Page - Vectron International, Inc TRU050_09 Datasheet HTML 5Page - Vectron International, Inc TRU050_09 Datasheet HTML 6Page - Vectron International, Inc TRU050_09 Datasheet HTML 7Page - Vectron International, Inc TRU050_09 Datasheet HTML 8Page - Vectron International, Inc TRU050_09 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 2 of 15
Rev: 12Aug2009
Performance Characteristics
Table 1. Electrical Performance
Parameter
Symbol
Min
Typical
Maximum
Units
Output Frequency (ordering option)
Out 1, 5V option
Out 1, 3.3V option
1.000
1.000
65.636
51.840
MHz
MHz
Supply Voltage
1
+5
+3.3
VDD
4.5
3.0
5.0
3.3
5.5
3.6
V
V
Supply Current
IDD
65
mA
Output Logic Levels
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Output Transition Times
Rise Time
2
Fall Time
2
tR
tF
5
5
ns
ns
Input Logic Levels
Output Logic High
2
Output Logic Low
2
VIH
VIL
2.0
0.5
V
V
Loss of Signal Indication
Output Logic High
2
Output Logic Low
2
VOH
VOL
2.5
0.5
V
V
Nominal Frequency on Loss of Signal
Output 1
Output 2
±75
±75
ppm
ppm
Symmetry or Duty Cycle
3
Out 1
Out 2
RCLK
SYM1
SYM2
RCLK
40/60
45/55
40/60
%
%
%
Absolute Pull Range, ordering option
over operating temp, aging, power supply
variations
APR
±50
±80
±100
ppm
Test Conditions for APR (+5V option)
VC
0.5
4.5
V
Test Conditions for APR (+3.3V option)
VC
0.3
3.0
V
Gain Transfer
Positive
Phase Detector Gain
+5V option
+3.3V Option
0.53
0.35
rad/V
rad/V
Operating temperature, ordering option
0/70 or –40/85
°C
Control Voltage Leakage Current
IVCXO
±1
uA
1. A good quality 0.01uF in parrallel with a 0.1 uf capacitor should be located as close to pin 16 to ground as possible.
2. Figure 1 defines these parameters. Figure 2 illustrates the equivalent five-gate TTL load and operating conditions under which these parameters are
tested and specified. Loads greater than 15 pF will adversely effect rise/fall time and duty cycle.
3. Symmetry is defined as (ON TIME/PERIOD with Vs=-1.4 V for both 5V and 3.3V operation.
Figure 2. Output Waveform
Figure 3. OUT1, OUT2, RDATA and RCLK
Test Conditions (25
±5°C)
80
%
1.4V
20
%
TF
TR
Period
On Time
+
-
+
-
IC
VC
3
.1
μF.01μF
15pF
16
1
IDD
650
Ω
VDD
1.8k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com