Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TRU050 Fiches technique(PDF) 4 Page - Vectron International, Inc

No de pièce TRU050
Description  Complete VCXO based Phase-Locked Loop
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VECTRON [Vectron International, Inc]
Site Internet  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TRU050 Fiches technique(HTML) 4 Page - Vectron International, Inc

  TRU050_09 Datasheet HTML 1Page - Vectron International, Inc TRU050_09 Datasheet HTML 2Page - Vectron International, Inc TRU050_09 Datasheet HTML 3Page - Vectron International, Inc TRU050_09 Datasheet HTML 4Page - Vectron International, Inc TRU050_09 Datasheet HTML 5Page - Vectron International, Inc TRU050_09 Datasheet HTML 6Page - Vectron International, Inc TRU050_09 Datasheet HTML 7Page - Vectron International, Inc TRU050_09 Datasheet HTML 8Page - Vectron International, Inc TRU050_09 Datasheet HTML 9Page - Vectron International, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TRU050, VCXO Based PLL
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
• Web: www.vectron.com
Page 4 of 15
Rev: 12Aug2009
TRU050 Theory of Operation
Phase Detector
The phase detector has two buffered inputs, DATAIN and CLKIN, which are designed to switch at 1.4 volts.
DATAIN is designed to accept an NRZ data stream but may also be used for clock signals which have about
a 50% duty cycle. CLKIN is connected to OUT1 or OUT2, or a divided version of one of these outputs. CLKIN
and DATAIN and are protected by ESD diodes and should not exceed the power supply voltage or ground by
more than a few hundred millivolts.
The phase detector is basically a latched flip flop/exclusive-or gate/differential amplifier filter design to
produce a DC signal proportional to the phase between the CLKIN and DATAIN signals, see figure 4 for a
block diagram and figure 5 for a open loop transfer curve. This simplies the PLL design as the designer does
not have to filter narrow pulse signal to a DC level. Under locked conditions the rising edge CLKIN will be
centered in the middle of the DATAIN signal, see figure 6.
The phase detector gain is 0.53V/rad x data density for 5volt operation, and 0.35V/rad x data density for 3.3
volt operation. Data density = 1.0 for clock signals and is system dependent on coding and design for NRZ
signals, but 0.25 could be used as a starting point for data density.
The phase detector output is a DC signal for DATAIN frequencies greater than 1MHz but produces signficant
ripple when inputs are less than 200kHz. Additional filtering is required for low input frequency applications
such as 8kHz frequency translation, see figures 8 and 9.
Under closed loop conditions the active filter has a blocking capacitor which provides a very high DC gain, so
under normal locked conditions and input frequencies >1MHz, PHO will be about VDD/2 and will not vary
signifigantly with changes in input frequency (within lock range). The control (voltage pin 1) will vary
according to the input frequency offset, but PHO will remain relatively constant.
D
Q1
Q2
D
Gain = 2 / 3
Gain = 5 V / 2
π
30 k
Ω
20 k
Ω
PHO
(pin 6)
Clock In
(pin 9)
Data In
(pin 7)
Figure 4. Simplified Phase Detector Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com