| Moteur de recherche de fiches techniques de composants électroniques |
|
HT66F13 Fiches technique(PDF) 139 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT66F13 Fiches technique(HTML) 139 Page - Holtek Semiconductor Inc |
|
139 / 173 page ![]() InstructionDefinition ADC A,[m] AddDataMemoryto ACC withCarry Description The contents of the specified Data Memory, Accumulator and the carry flag are added. TheresultisstoredintheAccumulator. Operation ACC ¬ ACC +[m]+C Affected flag(s) OV,Z,AC,C ADCM A,[m] Add ACC toDataMemorywithCarry Description The contents of the specified Data Memory, Accumulator and the carry flag are added. TheresultisstoredinthespecifiedDataMemory. Operation [m] ¬ ACC +[m]+C Affected flag(s) OV,Z,AC,C ADD A,[m] AddDataMemoryto ACC Description The contents of the specified Data Memory and the Accumulator are added. The result is storedintheAccumulator. Operation ACC ¬ ACC +[m] Affected flag(s) OV,Z,AC,C ADD A,x Addimmediatedatato ACC Description The contents of the Accumulator and the specified immediate data are added. The result isstoredintheAccumulator. Operation ACC ¬ ACC +x Affected flag(s) OV,Z,AC,C ADDM A,[m] Add ACC toDataMemory Description The contents of the specified Data Memory and the Accumulator are added. The result is storedinthespecifiedDataMemory. Operation [m] ¬ ACC +[m] Affected flag(s) OV,Z,AC,C AND A,[m] LogicalANDDataMemoryto ACC Description Data in the Accumulator and the specified Data Memory perform a bitwise logical AND operation.TheresultisstoredintheAccumulator. Operation ACC ¬ ACC ²AND² [m] Affected flag(s) Z AND A,x LogicalANDimmediatedatato ACC Description Data in the Accumulator and the specified immediate data perform a bitwise logical ANDoperation.TheresultisstoredintheAccumulator. Operation ACC ¬ ACC ²AND² x Affected flag(s) Z ANDM A,[m] LogicalAND ACC toDataMemory Description Data in the specified Data Memory and the Accumulator perform a bitwise logical AND operation.TheresultisstoredintheDataMemory. Operation [m] ¬ ACC ²AND² [m] Affected flag(s) Z Rev.1.10 139 February9,2011 HT66F13/HT66F14/HT66F15 EnhancedA/DFlashTypeMCU |