Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT66F13 Fiches technique(PDF) 62 Page - Holtek Semiconductor Inc

No de pièce HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Fiches technique(HTML) 62 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 58Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 59Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 60Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 61Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 62Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 63Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 64Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 65Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 66Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 173 page
background image
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
62
February 9, 2011
P B 6 O u t p u t F u n c t i o n
0
1
P B 6
1
0
O u t p u t
C a p t u r e I n p u t
P A 6 / T C K 1
T C K I n p u t
1
0
T M 1
( S T M )
P B 6 / T P 1 _ 1
T 1 C P 1
T 1 C P 1
P A 7 O u t p u t F u n c t i o n
0
1
P A 7
1
0
1
0
P A 7 / T P 1 _ 0
T 1 C P 0
T 1 C P 0
HT66F13 TM Function Pin Control Block Diagram
Note:
1. The I/O register data bits shown are used for TM output inversion control.
2. In the Capture Input Mode, the TM pin control register must never enable more than one TM input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More