Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT66F13 Fiches technique(PDF) 11 Page - Holtek Semiconductor Inc

No de pièce HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Fiches technique(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 9Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 10Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 11Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 12Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 13Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 14Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 173 page
background image
HT66F14
PinName
Function
OP
I/T
O/T
Pin-SharedMapping
PA0~PA7
PortA
PAWU
PAPU
ST
CMOS
¾
PB0~PB7
PortB
PBPU
ST
CMOS
¾
PC0~PC3
PortC
PCPU
ST
CMOS
¾
PD0~PD1
PortD
PDPU
ST
CMOS
¾
AN0~AN3
A/Dconverterinput
ACER
AN
¾
PA0~PA3
VREF
A/Dconverterreferenceinput
ADCR1
AN
¾
PB0
TCK0,TCK1
TM0,TM1input
¾
ST
¾
PA4,PA6
TP0_0,TP0_1
TM0I/O
TMPC
ST
CMOS
PA5,PC1
TP1_0,TP1_1
TM1I/O
TMPC
ST
CMOS
PA7,PB6
INT0,INT1
Ext.Interrupt0,1
¾
ST
¾
PB4,PB5
SCOM0~SCOM3
SCOM0~SCOM3
SCOMC
¾
SCOM
PC0,PC1,PB6,PB7
OSC1
HXT/ERC pin
CO
HXT
¾
PB1
OSC2
HXT pin
CO
¾
HXT
PB2
RES
Resetpin
CO
ST
¾
PB3
VDD
Powersupply*
¾
PWR
¾
¾
VSS
Ground*
¾
PWR
¾
¾
Note:
I/T:Inputtype
I/T:Inputtype
O/T:Outputtype
OP:Optionalbyconfigurationoption(CO)orregisteroption
PWR:Power
CO:Configurationoption
ST: Schmitt Triggerinput
CMOS: CMOS output
SCOM:SoftwarecontrolledLCDCOM
AN:Analoginputpin
HXT:Highfrequencycrystaloscillator
*: AVDD is the ADC power supply and is bonded together internally with VDD while AVSS is the ADC ground
pinandisbondedtogetherinternallywith VSS.
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashType MCU
Rev.1.10
11
February9,2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More