Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HT66F13 Fiches technique(PDF) 105 Page - Holtek Semiconductor Inc

No de pièce HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HOLTEK [Holtek Semiconductor Inc]
Site Internet  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Fiches technique(HTML) 105 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 101Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 102Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 103Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 104Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 109Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 173 page
background image
However a compare match from Comparator A will also automatically clear the TnON bit and thus
generate the Single Pulse output trailing edge of TPnA and TPnB. In this way the CCRA value can be
used to control the pulse width of TPnA. The CCRA-CCRB value can be used to control the pulse width
of TPnB. A compare match from Comparator A and Comparator B will also generate TM interrupts. The
counter can only be reset back to zero when the TnON bit changes from low to high when the counter
restarts. In the Single Pulse Mode CCRP is not used. The TnCCLR bit is also not used.
Rev. 1.10
105
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Single Pulse Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More