Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5050 Fiches technique(PDF) 18 Page - ams AG

No de pièce AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Fiches technique(HTML) 18 Page - ams AG

Back Button AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG AS5050 Datasheet HTML 18Page - ams AG AS5050 Datasheet HTML 19Page - ams AG AS5050 Datasheet HTML 20Page - ams AG AS5050 Datasheet HTML 21Page - ams AG AS5050 Datasheet HTML 22Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
18 - 22
AS5050
Datasheet - Application In form atio n
Figure 16. Integral Non-linearity Over Displacement of the Magnet
-1.0
-0.7
-0.4
-0.1
0.2
0.5
0.8
0
0.5
1
1.5
2
2.5
3
3.5
4
INL [°]
X-displacement [mm]
Y-displacement [mm]
Non-Linearity @ z=1mm
3.5-4
3-3.5
2.5-3
2-2.5
1.5-2
1-1.5
0.5-1
0-0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22