Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5050 Fiches technique(PDF) 13 Page - ams AG

No de pièce AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Fiches technique(HTML) 13 Page - ams AG

Back Button AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG AS5050 Datasheet HTML 16Page - ams AG AS5050 Datasheet HTML 17Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
13 - 22
AS5050
Datasheet - Detailed Descr i p ti on
NOP Command. The NOP command represents a dummy write to the AS5050.
Figure 9. NOP Command
The NOP command frame looks like follows.
The chip’s response on this command is 0x0000 – if no error happens.
Table 13. NOP Command
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
000
00000
00000
00
NOP command (0x0000)
NOP
NOP
MOSI
MSB
LSB
MSB
LSB
Response-1
0x0000
MISO
MSB
LSB
MSB
LSB
TCOM
Transmission N
Transmission N +1
Next command
MSB
LSB
0x0000
MSB
LSB
Transmission N +2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22