| Moteur de recherche de fiches techniques de composants électroniques |
|
AS5050 Fiches technique(PDF) 16 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5050 Fiches technique(HTML) 16 Page - ams AG |
|
16 / 22 page ![]() www.austriamicrosystems.com Revision 1.12 16 - 22 AS5050 Datasheet - Application In form atio n 8.1.3 SPI Connection to the Host µC Single Slave Mode. Figure 13. Single Slave Mode Note: 3-Wire Mode (read only): If the ERROR FLAG is set the device must be externally reset. Multiple Slave, n+3 Wire (Separate ChipSelect). Figure 14. Multiple Slave, n+3 Wire (Separate ChipSelect) UC AS5050 MOSI MISO SCK SS/ MISO MOSI SCK SS/ Wire_Mode 1 UC AS5050 SISO SCK SS/ MOSI MISO SCK SS/ Wire_Mode 0 Write CMD Read angle 3 Write CMD Read angle2 Angle1 Angle2 Write CMD Read angle1 Write CMD Read angle4 Angle3 Write CMD Read angle5 Write CMD Read angle 6 Angle5 Angle4 Write CMD NOP ... Angle6 Write CMD Read angle2 Write CMD Read angle1 Angle 1 Angle 2 Write CMD Read angle 3 Angle 4 Angle 3 MOSI MISO 0xFFFF 0xFFFF 0xFFFF 0xFFFF 0xFFFF SISO Write CMD Read angle 4 UC AS5050 MISO SCK SS/ MISO MOSI SCK SS/ Wire_Mode 1 1 ... Angle 1 Angle 2 Angle4 Angle3 Angle6 Angle5 MISO Angle7 4-wire mode 3-wire mode(Read only ) 3-wire mode(Bi - dir) 0xFFFF 0xFFFF 0xFFFF 0xFFFF 0xFFFF SS/ SS/ SS/ UC AS5050 I MOSI MISO SCK SS1/ MOSI MISO SCK SS/ Wire_ Mode 1 AS5050 III MOSI MISO SCK SS / Wire_ Mode 1 Write CMD SW reset Write CMD Read angle2 xx ... Angle 1 Write CMD Read angle1 xx Angle 2 Write CMD Read angle3 xx Angle 3 Write CMD NOP UC MOSI UC MISO 0xFFFF 0xFFFF AS5050 II MOSI MISO SCK SS/ Wire_ Mode 1 0xFFFF 0xFFFF SS2/ SS3/ SS1/ SS2/ SS2/ |