Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5050 Fiches technique(PDF) 11 Page - ams AG

No de pièce AS5050
Description  Low Power 10-Bit Magnetic Rotary Encoder
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5050 Fiches technique(HTML) 11 Page - ams AG

Back Button AS5050 Datasheet HTML 7Page - ams AG AS5050 Datasheet HTML 8Page - ams AG AS5050 Datasheet HTML 9Page - ams AG AS5050 Datasheet HTML 10Page - ams AG AS5050 Datasheet HTML 11Page - ams AG AS5050 Datasheet HTML 12Page - ams AG AS5050 Datasheet HTML 13Page - ams AG AS5050 Datasheet HTML 14Page - ams AG AS5050 Datasheet HTML 15Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
www.austriamicrosystems.com
Revision 1.12
11 - 22
AS5050
Datasheet - Detailed Descr i p ti on
CLEAR ERROR FLAG Command. The CLEAR ERROR FLAG command is implemented as READ command. This command clears the
ERROR FLAG which is contained in every READ frame. The READ data are 0x0000, which indicates a successful clear command.
Figure 7. CLEAR ERROR FLAG Command
The package necessary to perform a CLEAR ERROR FLAG is built up as follows.
Possible conditions which force the ERROR FLAG to be set:
Wrong parity
Wrong command
Wrong number of clocks (no full transmission cycle or too many clocks)
Note:
If the error flag is set to high because of a communication problem the flag remains set until it will be cleared by an external command.
Table 10. CLEAR ERROR FLAG Command
Bit
MSB
14
13
12
11
10
9
8
7
6
5
4
3
2
1
LSB
111
00111
00000
00
PAR
CLEAR ERROR FLAG command
PAR
CLEAR ERROR
FLAG
Next command
MOSI
MSB
LSB
MSB
LSB
Response-1
0x 0000
MISO
MSB
LSB
MSB
LSB
TCOM
Transmission N
Transmission N +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22