| Moteur de recherche de fiches techniques de composants électroniques |
|
STM8L15 Fiches technique(PDF) 96 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8L15 Fiches technique(HTML) 96 Page - STMicroelectronics |
|
96 / 122 page ![]() Electrical parameters STM8L151xx, STM8L152xx 96/122 Doc ID 15962 Rev 5 Figure 37. Typical application with I2C bus and timing diagram 1) 1. Measurement points are done at CMOS levels: 0.3 x VDD and 0.7 x VDD REPEATED START START STOP START tf(SDA) tr(SDA) tsu(SDA) th(SDA) tf(SCL) tr(SCL) tw(SCLL) tw(SCLH) th(STA) tsu(STO) tsu(STA) tw(STO:STA) SDA SCL 4.7k Ω SDA STM8L SCL VDD 100 Ω 100 Ω VDD 4.7k Ω I2CBUS |