Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MNSC140CORE Fiches technique(PDF) 69 Page - Freescale Semiconductor, Inc

No de pièce MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Fiches technique(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 65Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 66Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 67Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 68Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 69Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 70Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 71Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 72Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
FC-CBGA (HCTE) Package Description
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
3-17
T16
IRQ5/DP5/DACK4/EXT_BG3
V12
D13
T17
IRQ4/DP4/DACK3/EXT_DBG3
V13
D18
T18
IRQ1/DP1/DACK1/EXT_BG2
V14
D20
T19
D30
V15
GND
T20
GND
V16
D24
T21
A15
V17
D27
T22
A14
V18
D29
U2
HD16
V19
A8
U3
HD19
V20
A9
U4
HD2/DSI64
V21
A10
U5
D2
V22
A11
U6
D3
W2
HD6
U7
D6
W3
HD5/CNFGS
U8
D8
W4
HD4/MODCK2
U9
D9
W5
GND
U10
D11
W6
GND
U11
D14
W7
VDDH
U12
D15
W8
VDDH
U13
D17
W9
GND
U14
D19
W10
HDST1
U15
D22
W11
HDST0
U16
D25
W12
VDDH
U17
D26
W13
GND
U18
D28
W14
HD40/D40
U19
D31
W15
VDDH
U20
VDDH
W16
HD33/D33
U21
A12
W17
VDDH
U22
A13
W18
HD32/D32
V2
HD3/MODCK1
W19
GND
V3
VDDH
W20
GND
V4
GND
W21
A7
V5
D0
W22
A6
V6
D1
Y2
HD7
V7
D4
Y3
HD15
V8
D5
Y4
VDDH
V9
D7
Y5
HD9
V10
D10
Y6
VDD
V11
D12
Y7
HD60/D60
Table 3-2.
MSC8102 Signal Listing by Ball Designator (Continued)
Locator
Designator
Signal Name
Locator
Designator
Signal Name



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80