Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MNSC140CORE Fiches technique(PDF) 59 Page - Freescale Semiconductor, Inc

No de pièce MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Fiches technique(HTML) 59 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 55Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 56Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 57Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 58Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 59Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 60Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 61Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 63Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 80 page
background image
FC-CBGA (HCTE) Package Description
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
3-7
GND
M7
GPIO7
C19
GND
M10
GPIO8
D22
GND
M14
GPIO9
E19
GND
M19
GPIO10
E21
GND
N10
GPIO11
F20
GND
N14
GPIO12
E22
GND
P10
GPIO13
E20
GND
P13
GPIO14
F21
GND
P14
GPIO15
G19
GND
P21
GPIO16
F19
GND
R4
GPIO17
G21
GND
T20
GPIO18
F18
GND
V4
GPIO19
F22
GND
V15
GPIO20
F17
GND
W5
GPIO21
H19
GND
W6
GPIO22
G22
GND
W9GPIO23J19
GND
W13
GPIO24
H18
GND
W19
GPIO25
J21
GND
W20
GPIO26
N20
GND
Y9GPIO27E6
GND
Y12
GPIO28
C6
GND
Y15
GPIO29
D17
GND
Y17
GPIO30
C16
GND
AA8
GPIO31
D16
GND
AA13
HA11
L4
GND
AA16
HA12
L2
GND
AB2
HA13
J5
GNDSYN
P11
HA14
L3
GPIO0
B19
HA15
K2
GPIO1
C18
HA16
K4
GPIO2
C17
HA17
G6
GPIO3
C20
HA18
J2
GPIO4
D19
HA19
H5
GPIO5
C21
HA20
H2
GPIO6
C22
HA21
K3
Table 3-1.
MSC8102 Signal Listing By Name (Continued)
Signal Name
Location
Designator
Signal Name
Location
Designator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80