Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MNSC140CORE Fiches technique(PDF) 65 Page - Freescale Semiconductor, Inc

No de pièce MNSC140CORE
Description  Quad Core 16-Bit Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MNSC140CORE Fiches technique(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MNSC140CORE Datasheet HTML 61Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 62Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 63Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 64Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 65Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 66Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 67Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 68Page - Freescale Semiconductor, Inc MNSC140CORE Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 80 page
background image
FC-CBGA (HCTE) Package Description
MSC8102 Quad Core Digital Signal Processor, Rev. 12
Freescale Semiconductor
3-13
Table 3-2.
MSC8102 Signal Listing by Ball Designator
Locator
Designator
Signal Name
Locator
Designator
Signal Name
B3
VDD
C20
GPIO3/TDM3TSYN/IRQ1
B4
GND
C21
GPIO5/TDM3TDAT/IRQ3
B5
GND
C22
GPIO6/TDM3RSYN/IRQ4
B6
NMI_OUT
D2
TDI
B7
GND
D3
EE0
B8
VDD
D4
EE1
B9
GND
D5
GND
B10
VDD
D6
VDDH
B11
GND
D7
HCID2
B12
VDD
D8
HCID3
B13
GND
D9
GND
B14
VDD
D10
VDD
B15
GND
D11
GND
B16
VDD
D12
VDD
B17
GND
D13
GND
B18
VDD
D14
VDD
B19
GPIO0/CHIP_ID0
D15
VDD
B20
VDD
D16
GPIO31/TIMER3
B21
VDD
D17
GPIO29/CHIP_ID3
B22
GND
D18
VDDH
C2
GND
D19
GPIO4/TDM3TCLK/IRQ2
C3
VDD
D20
VDDH
C4
TDO
D21
GND
C5
SRESET
D22
GPIO8/TDM3RDAT/IRQ6
C6
GPIO28/DREQ2/UTXD
E2
TCK
C7
HCID1
E3
TRST
C8
GND
E4
TMS
C9
VDD
E5
HRESET
C10
GND
E6
GPIO27/DREQ1/URXD
C11
VDD
E7
HCID0
C12
GND
E8
GND
C13
VDD
E9
VDD
C14
GND
E10
GND
C15
GND
E11
VDD
C16
GPIO30/TIMER2/TMCLK
E12
GND
C17
GPIO2/TIMER1/CHIP_ID2
E13
VDD
C18
GPIO1/TIMER0/CHIP_ID1
E14
GND
C19
GPIO7/TDM3RCLK/IRQ5
E15
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80