Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS35 Fiches technique(PDF) 44 Page - Intel Corporation

No de pièce MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Fiches technique(HTML) 44 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 40Page - Intel Corporation MFSYS35 Datasheet HTML 41Page - Intel Corporation MFSYS35 Datasheet HTML 42Page - Intel Corporation MFSYS35 Datasheet HTML 43Page - Intel Corporation MFSYS35 Datasheet HTML 44Page - Intel Corporation MFSYS35 Datasheet HTML 45Page - Intel Corporation MFSYS35 Datasheet HTML 46Page - Intel Corporation MFSYS35 Datasheet HTML 47Page - Intel Corporation MFSYS35 Datasheet HTML 48Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 52 page
background image
Product Regulatory Requirements
Intel® Modular Server System MFSYS25/MFSYS35 TPS
38
Revision 1.3
Requirement
Country
Marking
Safety
Multiple Power
Cord Marking
This unit has more than one power supply cord. To reduce the risk of electrical shock,
disconnect (2) two power supply cords before servicing.
Simplified Chinese:
Traditional Chinese:
German:
Dieses GerŠte hat mehr als ein Stromkabel. Um eine Gefahr des elektrischen Schlages
zu verringern trennen sie beide (2) Stromkabeln bevor Instandhaltung.
Nordic
Countries
Connection to
Proper Ground
Outlet
"WARNING:"
"Apparaten skall anslutas till jordat uttag, nŠr den ansluts till ett nŠtverk."
"Laite on liitettŠvä suojamaadoituskoskettimilla varustettuun pistorasiaan."
"Connect only to a properly earth grounded outlet."
Safety
Standyby power
4.3 Regulated Specified Components
To maintain the UL listing and compliance to other regulatory certifications and/or declarations,
the following regulated components must be used and conditions adhered to. Interchanging or
use of other component will void the UL listing and other product certifications and approvals.
You can find updated product information for configurations on the Intel Server Builder Web site
at the following URL: http://channel.intel.com/go/serverbuilder
If you do not have access to Intel’s Web address, contact your local Intel representative.
1. Server Chassis: Base chassis is provided with power supply and fans—UL listed.
2. Server board: You must use an Intel server board—UL recognized.
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52