| Moteur de recherche de fiches techniques de composants électroniques |
|
MFSYS35 Fiches technique(PDF) 18 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
MFSYS35 Fiches technique(HTML) 18 Page - Intel Corporation |
|
18 / 52 page ![]() System Overview Intel® Modular Server System MFSYS25/MFSYS35 TPS SWITCH SWITCH STORAGE STORAGE MANAGEMENT 10/100 Ethernet PSU PSU PSU PSU SYSTEM FAN MODULE SYSTEM FAN MODULE I/O FAN MODULE I2C BUS_0 I2C BUS_1 I2C BUS_1 I2C BUS_0 I2C BUS_0 I2C BUS_0 I2C BUS_1 I2C BUS_1 I2C BUS_2 I2C BUS_2 I2C BUS_2 Clear Bay: Chassis Management Connections 7 Busses 5 Used w/ SMB I2C BUS_2 I2C BUS_3 I2C BUS_4 NVMEM FRU I2C BUS I2C BUS 10/100Mbps Ethernet INTERPOSER SAS EXPANDER SAS EXPANDER SERVER COMPUTE MODULE SERVER COMPUTE MODULE SERVER COMPUTE MODULE SERVER COMPUTE MODULE SERVER COMPUTE MODULE SERVER COMPUTE MODULE Ethernet VLAN in-band Ethernet VLAN in-band Ethernet VLAN in-band Ethernet VLAN in-band Ethernet VLAN in-band Ethernet VLAN in-band SPI Bus SPI BUS Figure 7. Server Management Connectivity 2.6.1 Chassis Management Module The main controller in the chassis management module is an Intel ® XScale IXP425 microcontroller that runs Linux to provide a robust operating environment. The service processor provides IPMI communication within the system in addition to the user interface used to manage the system over Ethernet. See Section 3.5 for a description of this board. 2.6.2 Compute Module Management Each compute module contains an Integrated Baseboard Management Controller (BMC) that is responsible for all management local to the module, including power control, reset, sensor reading, remote KVM, remote media and remote serial console. The Integrated BMC also gathers events to be stored in the server event log. However, the compute module’s Integrated BMC is managed by the chassis management module and must communicate with the chassis management before providing any of these management features. This architecture allows the chassis management module to control the security of all components in the system. 12 Revision 1.3 Intel order number E15155-005 |