Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS35 Fiches technique(PDF) 34 Page - Intel Corporation

No de pièce MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Fiches technique(HTML) 34 Page - Intel Corporation

Back Button MFSYS35 Datasheet HTML 30Page - Intel Corporation MFSYS35 Datasheet HTML 31Page - Intel Corporation MFSYS35 Datasheet HTML 32Page - Intel Corporation MFSYS35 Datasheet HTML 33Page - Intel Corporation MFSYS35 Datasheet HTML 34Page - Intel Corporation MFSYS35 Datasheet HTML 35Page - Intel Corporation MFSYS35 Datasheet HTML 36Page - Intel Corporation MFSYS35 Datasheet HTML 37Page - Intel Corporation MFSYS35 Datasheet HTML 38Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
System Details
Intel® Modular Server System MFSYS25/MFSYS35 TPS
3.7 Storage Controller Module
3.7.1
Storage Subsystem Introduction
The Intel
® Modular Server System MFSYS25/MFSYS35 enables up to six diskless compute
modules to interface via SAS connections to one or two (for redundancy) internal storage
controller modules. The storage controller modules include RAID and storage virtualization
functionality with connections to back-end shared internal SAS disk drives. Connectivity
between the storage controller modules and the disk drive backplane is achieved via an
interposer card to a 14-drive backplane in the Intel
® Modular Server System MFSYS25 and a 6-
drive backplane in the Intel
® Server System MFSYS35. In combination, these components
allow up to 14 2.5-inch SAS drives in the Intel
® Modular Server System MFSYS25 and up to 6
3.5-inch SAS/SATA drives in the Intel
® Modular Server System MFSYS35 to be shared between
all compute modules. The CMM is used to configure drive arrays and to match LUNs to specific
compute modules.
3.7.2
Mechanical Outline
Figure 21. Mechanical Outline of Storage Controller Module Board
28
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52