Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MFSYS35 Fiches technique(PDF) 2 Page - Intel Corporation

No de pièce MFSYS35
Description  Technical Product Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

MFSYS35 Fiches technique(HTML) 2 Page - Intel Corporation

  MFSYS35 Datasheet HTML 1Page - Intel Corporation MFSYS35 Datasheet HTML 2Page - Intel Corporation MFSYS35 Datasheet HTML 3Page - Intel Corporation MFSYS35 Datasheet HTML 4Page - Intel Corporation MFSYS35 Datasheet HTML 5Page - Intel Corporation MFSYS35 Datasheet HTML 6Page - Intel Corporation MFSYS35 Datasheet HTML 7Page - Intel Corporation MFSYS35 Datasheet HTML 8Page - Intel Corporation MFSYS35 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
Revision History
Intel® Modular Server System MFSYS25/MFSYS35 TPS
Revision History
Date
Revision
Number
Modifications
July, 2007
0.88
Initial release.
September, 2007
1.0
Updated.
February, 2008
1.1
Updated.
June, 2008
1.2
Updated Power Budget of Hardware Components, Table 5. Added 3.5-inch drive
bay information for the Intel® Modular Server System MFSYS35.
November, 2008
1.3
Updated System Details, power and heat specifications
Disclaimers
Information in this document is provided in connection with Intel
® products. No license, express or
implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except
as provided in Intel's Terms and Conditions of Sale for such products, Intel assumes no liability
whatsoever, and Intel disclaims any express or implied warranty, relating to sale and/or use of Intel
products including liability or warranties relating to fitness for a particular purpose, merchantability, or
infringement of any patent, copyright or other intellectual property right. Intel products are not intended for
use in medical, life saving, or life sustaining applications. Intel may make changes to specifications and
product descriptions at any time, without notice.
Designers must not rely on the absence or characteristics of any features or instructions marked
“reserved” inches or “undefined” Intel reserves these for future definition and shall have no responsibility
whatsoever for conflicts or incompatibilities arising from future changes to them.
The Intel
® Modular Server System MFSYS25/MFSYS35 may contain design defects or errors known as
errata, which may cause the product to deviate from published specifications. Current characterized
errata are available on request.
Intel Corporation server baseboards contain a number of high-density VLSI and power delivery
components that need adequate airflow to cool. Intel’s own chassis are designed and tested to meet the
intended thermal requirements of these components when the fully integrated system is used together. It
is the responsibility of the system integrator that chooses not to use Intel developed server building
blocks to consult vendor datasheets and operating parameters to determine the amount of airflow
required for their specific application and environmental conditions. Intel Corporation cannot be held
responsible if components fail or the server board does not operate correctly when used outside any of
their published operating or non-operating limits.
Intel and Xeon are trademarks or registered trademarks of Intel Corporation.
*Other brands and names may be claimed as the property of others. Copyright © Intel Corporation 2007-
2008
ii
Revision 1.3
Intel order number E15155-005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52