Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD55015STR-E Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce PD55015STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 6Page - STMicroelectronics PD55015STR-E Datasheet HTML 7Page - STMicroelectronics PD55015STR-E Datasheet HTML 8Page - STMicroelectronics PD55015STR-E Datasheet HTML 9Page - STMicroelectronics PD55015STR-E Datasheet HTML 10Page - STMicroelectronics PD55015STR-E Datasheet HTML 11Page - STMicroelectronics PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics PD55015STR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Typical performance
PD55025-E, PD55025S-E
10/23
Doc ID 12330 Rev 2
Figure 19.
Input return loss vs output power
(f = 175 MHz)
-30
-25
-20
-15
-10
-5
0
0
1020
304050
P out (W )
Vdd = 12.5 V
Idq = 200 m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23