Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD55015STR-E Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce PD55015STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 3Page - STMicroelectronics PD55015STR-E Datasheet HTML 4Page - STMicroelectronics PD55015STR-E Datasheet HTML 5Page - STMicroelectronics PD55015STR-E Datasheet HTML 6Page - STMicroelectronics PD55015STR-E Datasheet HTML 7Page - STMicroelectronics PD55015STR-E Datasheet HTML 8Page - STMicroelectronics PD55015STR-E Datasheet HTML 9Page - STMicroelectronics PD55015STR-E Datasheet HTML 10Page - STMicroelectronics PD55015STR-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PD55025-E, PD55025S-E
Typical performance
Doc ID 12330 Rev 2
7/23
Figure 7.
Output power vs input power
Figure 8.
Power gain vs. output power
Figure 9.
Drain efficiency vs output power
Figure 10.
Input return loss vs output power
0
5
10
15
20
25
30
35
40
45
01
23
456
Pin (W )
f = 520 MHz
Idq = 200 m A
Vdd = 12.5 V
Vdd = 13.8 V
0
2
4
6
8
10
12
14
16
18
0
1020
304050
P out (W )
Vdd = 12.5 V
Idq = 200 m A
520 MHz
500 MHz
480 MHz
0
10
20
30
40
50
60
70
0
10
2030
4050
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
500 MHz
480, 520 MHz
-40
-35
-30
-25
-20
-15
-10
-5
0
0
102030
4050
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
520 MHz
500 MHz
480 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23