Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PD55015STR-E Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce PD55015STR-E
Description  RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD55015STR-E Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button PD55015STR-E Datasheet HTML 5Page - STMicroelectronics PD55015STR-E Datasheet HTML 6Page - STMicroelectronics PD55015STR-E Datasheet HTML 7Page - STMicroelectronics PD55015STR-E Datasheet HTML 8Page - STMicroelectronics PD55015STR-E Datasheet HTML 9Page - STMicroelectronics PD55015STR-E Datasheet HTML 10Page - STMicroelectronics PD55015STR-E Datasheet HTML 11Page - STMicroelectronics PD55015STR-E Datasheet HTML 12Page - STMicroelectronics PD55015STR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
PD55025-E, PD55025S-E
Typical performance
Doc ID 12330 Rev 2
9/23
Figure 15.
Output power vs gate bias voltage
Figure 16.
Output power vs
input power (f = 175 MHz)
0
5
10
15
20
25
30
01
23
4
Vgs (V)
Vdd = 12.5 V
Pin = 0.85 W
520 MHz
480 MHz
500 MHz
0
5
10
15
20
25
30
35
40
45
00.5
11.5
2
2.5
Pin (W )
Vdd = 12.5 V
Idq = 200 m A
Figure 17.
Power gain vs
output power (f = 175 MHz)
Figure 18.
Drain efficiency vs
output power (f = 175 MHz)
0
5
10
15
20
25
30
0
1020
30
4050
Pout (W )
Vdd = 12.5 V
Idq = 200 m A
0
10
20
30
40
50
60
70
80
0
1020
3040
50
P out (W )
Vdd = 12.5 V
Idq = 200 m A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23