| Moteur de recherche de fiches techniques de composants électroniques |
|
PD55015STR-E Fiches technique(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PD55015STR-E Fiches technique(HTML) 8 Page - STMicroelectronics |
|
8 / 23 page ![]() Typical performance PD55025-E, PD55025S-E 8/23 Doc ID 12330 Rev 2 Figure 11. Output power vs bias current Figure 12. Drain efficiency vs bias current Figure 13. Output power vs supply voltage Figure 14. Drain efficiency vs supply voltage 0 5 10 15 20 25 30 35 40 0 200 400 600 800 1000 1200 Idq (m A) Vdd = 12.5 V Pin = 0.85 W 520 MHz 500 MHz 480 MHz 0 10 20 30 40 50 60 0 200 400 600 800 1000 1200 Idq (m A) Vdd = 12.5 V Pin = 0.85 W 500 MHz 480 MHz 520 MHz 0 5 10 15 20 25 30 35 5 7 9 111315 1719 Vdd (V) Idq = 200 m A Pin = 0.85 W 520 MHz 500 MHz 480 MHz 0 10 20 30 40 50 60 70 6 8 10 12 14 16 18 Vdd (V) Idq = 200 m A Pin = 0.85 W 520 MHz 500 MHz 500 MHz |