Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D201GLY Fiches technique(PDF) 49 Page - Intel Corporation

No de pièce D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Fiches technique(HTML) 49 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 45Page - Intel Corporation D201GLY Datasheet HTML 46Page - Intel Corporation D201GLY Datasheet HTML 47Page - Intel Corporation D201GLY Datasheet HTML 48Page - Intel Corporation D201GLY Datasheet HTML 49Page - Intel Corporation D201GLY Datasheet HTML 50Page - Intel Corporation D201GLY Datasheet HTML 51Page - Intel Corporation D201GLY Datasheet HTML 52Page - Intel Corporation D201GLY Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 76 page
background image
Technical Reference
49
2.6
Thermal Considerations
CAUTION
Failure to ensure appropriate airflow may result in reduced performance of both the
processor and/or voltage regulator or, in some instances, damage to the board. For a
list of chassis that have been tested with Intel desktop boards please refer to the
following website:
http://developer.intel.com/design/motherbd/cooling.htm
All responsibility for determining the adequacy of any thermal or system design
remains solely with the reader. Intel makes no warranties or representations that
merely following the instructions presented in this document will result in a system
with adequate thermal performance.
CAUTION
Ensure that the ambient temperature does not exceed the board’s maximum operating
temperature. Failure to do so could cause components to exceed their maximum case
temperature and malfunction. For information about the maximum operating
temperature, see the environmental specifications in Section 2.8.
CAUTION
Ensure that proper airflow is maintained in the processor voltage regulator circuit.
Failure to do so may result in damage to the voltage regulator circuit. The processor
voltage regulator area (item A in Figure 12) can reach a temperature of up to 85 oC in
an open chassis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76