Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D201GLY Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce D201GLY
Description  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY Fiches technique(HTML) 4 Page - Intel Corporation

  D201GLY Datasheet HTML 1Page - Intel Corporation D201GLY Datasheet HTML 2Page - Intel Corporation D201GLY Datasheet HTML 3Page - Intel Corporation D201GLY Datasheet HTML 4Page - Intel Corporation D201GLY Datasheet HTML 5Page - Intel Corporation D201GLY Datasheet HTML 6Page - Intel Corporation D201GLY Datasheet HTML 7Page - Intel Corporation D201GLY Datasheet HTML 8Page - Intel Corporation D201GLY Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
iv
Other Common Notation
#
Used after a signal name to identify an active-low signal (such as USBP0#)
(NxnX)
When used in the description of a component, N indicates component type, xn are the
relative coordinates of its location on the board, and X is the instance of the particular part
at that general location. For example, J5J1 is a connector, located at 5J. It is the first
connector in the 5J area.
GB
Gigabyte (1,073,741,824 bytes)
GB/sec
Gigabytes per second
KB
Kilobyte (1024 bytes)
Kbit
Kilobit (1024 bits)
kbits/sec
1000 bits per second
MB
Megabyte (1,048,576 bytes)
MB/sec
Megabytes per second
Mbit
Megabit (1,048,576 bits)
Mbit/sec
Megabits per second
xxh
An address or data value ending with a lowercase h indicates a hexadecimal value.
x.x V
Volts. Voltages are DC unless otherwise specified.
*
This symbol is used to indicate third-party brands and names that are the property of their
respective owners.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76