Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C5NPD0-DS Fiches technique(PDF) 60 Page - Freescale Semiconductor, Inc

No de pièce C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Fiches technique(HTML) 60 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 56Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 57Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 58Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 59Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 60Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 61Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 62Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 63Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 64Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 100 page
background image
60
CHAPTER 2: SIGNAL DESCRIPTIONS
C5NP
S 1-29
S1
VDD33
S9
VDD
S17
VDD
S25
VDD33
S2
TA2
S10
TWE2X
S18
PAD18
S26
MD9
S3
VSS
S11
VSS
S19
VSS
S27
VSS
S4
TA10
S12
JSE
S20
PAD9
S28
MD3
S5
VDD
S13
VDD33
S21
VDD
S29
VDD
S6
TA17
S14
PAD25
S22
MD18
S7
VSS
S15
VSS
S23
VSS
S8
TCE2X
S16
PAD19
S24
MD15
T 1-29
T1
FIN2
T9
TCE3X
T17
PAD21
T25
FOUT16
T2
FIN7
T10
TWE3X
T18
PAD15
T26
FOUT12
T3
FIN6
T11
JTCK
T19
PAD12
TT27
FOUT6
T4
FIN12
T12
JHIGHZ
T20
PAD6
T28
FOUT7
T5
FIN16
T13
JCLKBYP
T21
PAD3
T29
FOUT2
T6
FIN17
T14
PAD30
T22
PAD0
T7
FIN19
T15
PAD27
T23
FOUT19
T8
TA18X
T16
PAD24
T24
FOUT17
U 1-29
U1
VSS
U9
VSS
U17
VSS
U25
VSS
U2
FIN4
U10
FIN27
U18
FTXCTL0
U26
FOUT11
U3
VDD33
U11
VDD
U19
VDD
U27
VDD33
U4
FIN11
U12
FRXCTL0
U20
FOUT27
U28
FOUT4
U5
VSS
U13
VSS
U21
VSS
U29
VSS
U6
FIN15
U14
NC8
U22
FOUT24
U7
VDD
U15
VDD33
U23
VDD
U8
FIN24
U16
NC10
U24
FOUT15
Table 30 Signals Listed by Pin Number (continued)
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
PIN
FUNCTION
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100